Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE6.8A Datasheet (PDF) - MIC GROUP RECTIFIERS

1.5KE6.8A Datasheet PDF - MIC GROUP RECTIFIERS
Part # 1.5KE6.8A
Download  1.5KE6.8A Download

File Size   95.32 Kbytes
Page   6 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS

1.5KE6.8A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE6.8A Datasheet PDF - MIC GROUP RECTIFIERS

Part # 1.5KE6.8A
Download  1.5KE6.8A Click to download

File Size   95.32 Kbytes
Page   6 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS

1.5KE6.8A Datasheet (HTML) - MIC GROUP RECTIFIERS

1.5KE6.8A Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE6.8A Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE6.8A Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE6.8A Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE6.8A Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE6.8A Datasheet HTML 6Page - MIC GROUP RECTIFIERS

1.5KE6.8A Product details

GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Breakdown Voltage 6.8 to 440 Volts
Peak Pulse Power 1500 Watts

FEATURES
· Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
· Glass passivated junction or silastic guard junction (open junction)
· 1500W peak pulse power capability with a 10/1000μs
   Waveform, repetition rate (duty cycle): 0.05%
· Excellent clamping capability
· Low incremental surge resistance
· Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for unidirectional and 5.0ns for bidirectional types
· Devices with V(BR)≥10V, ID are typically less than 1.0μA
· High temperature soldering guaranteed: 265℃/10 seconds, 0.375” (9.5mm) lead length, 51bs.(2.3kg) tension




Similar Part No. - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1.5KE6.8A SECOS-1.5KE6.8A Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE6.8A SAMYANG-1.5KE6.8A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE6.8A TRSYS-1.5KE6.8A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com