Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BST12T4B Datasheet (PDF) - CIT Relay & Switch

BST12T4B Datasheet PDF - CIT Relay & Switch
Part # BST12T4B
Download  BST12T4B Download

File Size   242.77 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

BST12T4B Datasheet (PDF)

Go To PDF Page Download Datasheet
BST12T4B Datasheet PDF - CIT Relay & Switch

Part # BST12T4B
Download  BST12T4B Click to download

File Size   242.77 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

BST12T4B Datasheet (HTML) - CIT Relay & Switch

BST12T4B Datasheet HTML 1Page - CIT Relay & Switch BST12T4B Datasheet HTML 2Page - CIT Relay & Switch BST12T4B Datasheet HTML 3Page - CIT Relay & Switch BST12T4B Datasheet HTML 4Page - CIT Relay & Switch

BST12T4B Product details

SPECIFICATIONS
   Electrical Ratings 3A @ 120VAC, 28VDC; 1.5A @ 250VAC See contact options
   Electrical Life 30,000 cycles typical
   Contact Resistance < 20 mΩ max initial @ 2-4VDC, 100mA
   Dielectric Strength 1000Vrms min
   Insulation Resistance > 1,000MΩ min
   Operating Temperature -40°C to 85°C
   Storage Temperature -40°C to 85°C

MATERIALS ←RoHS COMPLIANT
   Actuator Brass, Chrome Plated
   Housing 4/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0
   Support Bracket Brass, Tin Plated
   Contacts Copper Alloy + Silver or Gold
   Terminals Copper Alloy + Silver or Gold




Similar Part No. - BST12T4B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST120 PHILIPS-BST120 Datasheet
57Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BST122 PHILIPS-BST122 Datasheet
57Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
More results


Similar Description - BST12T4B

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com