Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2SBA80 Datasheet (PDF) - MIC GROUP RECTIFIERS

G2SBA80 Datasheet PDF - MIC GROUP RECTIFIERS
Part # G2SBA80
Download  G2SBA80 Download

File Size   56.66 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

G2SBA80 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2SBA80 Datasheet PDF - MIC GROUP RECTIFIERS

Part # G2SBA80
Download  G2SBA80 Click to download

File Size   56.66 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

G2SBA80 Datasheet (HTML) - MIC GROUP RECTIFIERS

G2SBA80 Datasheet HTML 1Page - MIC GROUP RECTIFIERS G2SBA80 Datasheet HTML 2Page - MIC GROUP RECTIFIERS

G2SBA80 Product details

GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER



FEATURES

·  Plastic package has Underwriters Laboratory Flammability Glassification 94V-0

·  Glass passivated chip junction

·  High case dielectric strength

·  Typical IR less than 0.1 A

·  High surge current capability

·  Ideal for printed circuit boards

·  High temperature soldering guaranteed: 260℃/10 seconds, 0.375”(9.5mm) lead length 5lbs.(2.3kg) tension



MECHANICAL DATA

·  Case: molded plastic body over passivated junctions

·  Terminal: Platedleads solderable per MIL-STD-750 Method 2026

·  Mounting position: Any

·  Weight: 0.071 oz, 2.0g




Similar Part No. - G2SBA80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G2SBA80 VISHAY-G2SBA80 Datasheet
150Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
22-Nov-04
G2SBA80 VISHAY-G2SBA80 Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 12-Feb-08
G2SBA80-E3/45 VISHAY-G2SBA80-E3/45 Datasheet
87Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 16-Aug-13
G2SBA80-E3/51 VISHAY-G2SBA80-E3/51 Datasheet
87Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 16-Aug-13
G2SBA80-M3 VISHAY-G2SBA80-M3 Datasheet
89Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
More results


Similar Description - G2SBA80

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com