Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC1504/W Datasheet (PDF) - MIC GROUP RECTIFIERS

GBPC1504/W Datasheet PDF - MIC GROUP RECTIFIERS
Part # GBPC1504/W
Download  GBPC1504/W Download

File Size   55.81 Kbytes
Page   3 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER

GBPC1504/W Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC1504/W Datasheet PDF - MIC GROUP RECTIFIERS

Part # GBPC1504/W
Download  GBPC1504/W Click to download

File Size   55.81 Kbytes
Page   3 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER

GBPC1504/W Datasheet (HTML) - MIC GROUP RECTIFIERS

GBPC1504/W Datasheet HTML 1Page - MIC GROUP RECTIFIERS GBPC1504/W Datasheet HTML 2Page - MIC GROUP RECTIFIERS GBPC1504/W Datasheet HTML 3Page - MIC GROUP RECTIFIERS

GBPC1504/W Product details

VOLTAGE RANGE 50 to 1000 Volts CURRENT 15.0 Ampere

FEATURES
• Plastic package has UL flammability classification 94V-0
• Integrally molded heatsink provides very low thermal resistance for maximum heat dissipation
• High forward surge capacity
• Glass passivated chip junction
• High isolation voltage from case to lugs
• High temperature soldering guaranteed: 260℃/10 seconds,
• A vailable in either lug package (GBPC5005) or wire lead package (GBPC15005W)




Similar Part No. - GBPC1504/W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC1504 PANJIT-GBPC1504 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
logo
Diodes Incorporated
GBPC1504 DIODES-GBPC1504 Datasheet
70Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21208 Rev. 11 - 2
logo
New Jersey Semi-Conduct...
GBPC1504 NJSEMI-GBPC1504 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Surge Components
GBPC1504 SURGE-GBPC1504 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBPC1504 LUGUANG-GBPC1504 Datasheet
268Kb / 2P
   High Current 15,25,35 AMP.Single Phase Glass Passivated Bridge Rectifiers
More results


Similar Description - GBPC1504/W

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
GBPC4005 MIC-GBPC4005 Datasheet
44Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC50005 MIC-GBPC50005 Datasheet
48Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC25005-W MIC-GBPC25005-W Datasheet
69Kb / 3P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC35005-W MIC-GBPC35005-W Datasheet
56Kb / 3P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
MT3508G MIC-MT3508G Datasheet
45Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com