Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1201A3HGEB Datasheet (PDF) - CIT Relay & Switch

1201A3HGEB Datasheet PDF - CIT Relay & Switch
Part # 1201A3HGEB
Download  1201A3HGEB Download

File Size   241.31 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

1201A3HGEB Datasheet (PDF)

Go To PDF Page Download Datasheet
1201A3HGEB Datasheet PDF - CIT Relay & Switch

Part # 1201A3HGEB
Download  1201A3HGEB Click to download

File Size   241.31 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

1201A3HGEB Datasheet (HTML) - CIT Relay & Switch

1201A3HGEB Datasheet HTML 1Page - CIT Relay & Switch 1201A3HGEB Datasheet HTML 2Page - CIT Relay & Switch 1201A3HGEB Datasheet HTML 3Page - CIT Relay & Switch 1201A3HGEB Datasheet HTML 4Page - CIT Relay & Switch

1201A3HGEB Product details

SPECIFICATIONS
    Electrical Ratings 5A @ 120VAC, 28VDC; 2A @ 250VAC
                                 See Contact Options
    Electrical Life 30,000 cycles typical
    Contact Resistance < 10 mΩ max initial @ 2-4VDC, 100mA
    Dielectric Strength 1500Vrms min
    Insulation Resistance > 100MΩ min
    Operating Temperature -40°C to 85°C
    Storage Temperature -40°C to 85°C




Similar Part No. - 1201A3HGEB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
logo
Schurter Inc.
1201 SCHURTER-1201 Datasheet
308Kb / 3P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1201 SCHURTER-1201 Datasheet
266Kb / 2P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
Sensata Technologies, I...
1201 SENSATA-1201 Datasheet
233Kb / 3P
   ROTARY MOTION | PRECISION SENSOR
logo
Toshiba Semiconductor
1201-000191 TOSHIBA-1201-000191 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results


Similar Description - 1201A3HGEB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com