Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2A Datasheet (PDF) - MIC GROUP RECTIFIERS

S2A Datasheet PDF - MIC GROUP RECTIFIERS
Part # S2A
Download  S2A Download

File Size   52.75 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2A Datasheet (PDF)

Go To PDF Page Download Datasheet
S2A Datasheet PDF - MIC GROUP RECTIFIERS

Part # S2A
Download  S2A Click to download

File Size   52.75 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2A Datasheet (HTML) - MIC GROUP RECTIFIERS

S2A Datasheet HTML 1Page - MIC GROUP RECTIFIERS S2A Datasheet HTML 2Page - MIC GROUP RECTIFIERS

S2A Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT 2.0 Ampere



FEATURES

· Plastic package has underwrites laboratory flammability

   Classification 94V-0

· For surface mounted applications

· Low profile package

· Built-in strain relief, ideal for automated placement

· Glass Passivated chip junction

· High temperature soldering guaranteed 250℃/10 second at terminals



 




Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S2A VISHAY-S2A Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
02-Oct-12
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
YENYO TECHNOLOGY Co., L...
S2A YENYO-S2A Datasheet
658Kb / 2P
   Surface Mount Standard Rectifier
logo
Vishay Siliconix
S2A VISHAY-S2A Datasheet
92Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 08-Apr-08
More results


Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com