Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWE2412D-6W Datasheet (PDF) - MORNSUN Science& Technology Ltd.

PWE2412D-6W Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # PWE2412D-6W
Download  PWE2412D-6W Download

File Size   133.9 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER

PWE2412D-6W Datasheet (PDF)

Go To PDF Page Download Datasheet
PWE2412D-6W Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # PWE2412D-6W
Download  PWE2412D-6W Click to download

File Size   133.9 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER

PWE2412D-6W Datasheet (HTML) - MORNSUN Science& Technology Ltd.

PWE2412D-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWE2412D-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.

PWE2412D-6W Product details

FEATURES

• High Efficiency up to 86%

• Operating Temperature: -40°C to +85°C

• 3KVDC Input/Output Isolation

• Short Circuit Protection(Automatic recovery)

• Internal SMD construction

• No Heat Sink Required

• Industry Standard Pinout

• MTBF>1,000,000 hours

• RoHS Compliance



APPLICATIONS

  The PWE_D-6W & PWF_D-6W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to:



1) Where the voltage of the input power supply is wide range (voltage range≤ 4:1);

2) Where isolation is necessary between input and output (Isolation Voltage≤3000VDC);

3) Where the regulation of the output voltage and the output ripple noise are demanded.



 




Similar Part No. - PWE2412D-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWE4812D-3W MORNSUN-PWE4812D-3W Datasheet
122Kb / 2P
   DUAL OUTPU DIP PACKAGE DC-DC CONVERTER
logo
Festo Corporation.
PWEA-AC-3D FESTO-PWEA-AC-3D Datasheet
75Kb / 2P
   Condensate drain
4/5/22
PWEA-AC-6A FESTO-PWEA-AC-6A Datasheet
75Kb / 2P
   Condensate drain
4/5/22
PWEA-AC-7A FESTO-PWEA-AC-7A Datasheet
75Kb / 2P
   Condensate drain
4/5/22
More results


Similar Description - PWE2412D-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com