Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-946GC Datasheet (PDF) - Murata Power Solutions Inc.

ADS-946GC Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-946GC
Download  ADS-946GC Download

File Size   138.09 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 8MHz Sampling A/D Converters

ADS-946GC Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-946GC Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-946GC
Download  ADS-946GC Click to download

File Size   138.09 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 8MHz Sampling A/D Converters

ADS-946GC Datasheet (HTML) - Murata Power Solutions Inc.

ADS-946GC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-946GC Datasheet HTML 8Page - Murata Power Solutions Inc.

ADS-946GC Product details

GENERAL DESCRIPTION
The low-cost ADS-946 is a 14-bit, 8MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. Excellent differential nonlinearity error (DNL), signal-to-noise ratio (SNR), and total harmonic distortion (THD) make the ADS-946 the ideal choice for both time-domain (CCD/FPA imaging, scanners, process control) and frequency-domain (radar, telecommunications, spectrum analysis) applications.

FEATURES
• 14-bit resolution
• 8MHz guaranteed sampling rate
• No missing codes over full military temperature range
• Ideal for both time and frequency-domain applications
• Excellent THD (–75dB) and SNR (77dB)
• Edge-triggered; No pipeline delays
• Small, 24-pin, ceramic DDIP or SMT
• Requires only ±5V supplies
• Low-power, 2 Watts
• MIL-STD-883 screening optional




Similar Part No. - ADS-946GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946GC ETC-ADS-946GC Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946GC DATEL-ADS-946GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-946GC-C DATEL-ADS-946GC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results


Similar Description - ADS-946GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946 ETC-ADS-946 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com