Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FINF050-100CLB1 Datasheet (PDF) - Finisar Corporation.

FINF050-100CLB1 Datasheet PDF - Finisar Corporation.
Part # FINF050-100CLB1
Download  FINF050-100CLB1 Download

File Size   164.62 Kbytes
Page   2 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50GHz Interleaver

FINF050-100CLB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FINF050-100CLB1 Datasheet PDF - Finisar Corporation.

Part # FINF050-100CLB1
Download  FINF050-100CLB1 Click to download

File Size   164.62 Kbytes
Page   2 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50GHz Interleaver

FINF050-100CLB1 Datasheet (HTML) - Finisar Corporation.

FINF050-100CLB1 Datasheet HTML 1Page - Finisar Corporation. FINF050-100CLB1 Datasheet HTML 2Page - Finisar Corporation.



Similar Part No. - FINF050-100CLB1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
logo
Quelighting Corp
FIN-RB-25 QUELIGHTING-FIN-RB-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RB-50 QUELIGHTING-FIN-RB-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-25 QUELIGHTING-FIN-RBW-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
More results


Similar Description - FINF050-100CLB1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
   Optical Interleaver
logo
Bookham, Inc.
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
logo
OPLINK Communications I...
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
logo
Marki Microwave
MEQ10-50AU MARKIMICROWAVE-MEQ10-50AU Datasheet
284Kb / 6P
   Passive GaAs MMIC 50GHz Equalizer
logo
OPLINK Communications I...
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
logo
Microsemi Corporation
UA2V50HM MICROSEMI-UA2V50HM Datasheet
514Kb / 4P
   2 - 50GHz High Gain Power Amplifier
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com