Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W01 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2W01 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2W01
Download  2W01 Download

File Size   167.81 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0AMP Single Phase Bridge Rectifiers

2W01 Datasheet (PDF)

Go To PDF Page Download Datasheet
2W01 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2W01
Download  2W01 Click to download

File Size   167.81 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0AMP Single Phase Bridge Rectifiers

2W01 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

2W01 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2W01 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

2W01 Product details

FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.37 grams
* Low leakage current




Similar Part No. - 2W01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W01 WTE-2W01 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
2W01 TSC-2W01 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Goodwork Semiconductor ...
2W01 GWSEMI-2W01 Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W01 JGD-2W01 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
2W01 FCI-2W01 Datasheet
124Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
More results


Similar Description - 2W01

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBP201 LUGUANG-KBP201 Datasheet
101Kb / 2P
   Single Phase 2.0AMP. Silicon Bridge Rectifiers
KBP201G LUGUANG-KBP201G Datasheet
180Kb / 2P
   Single Phase 2.0AMP. Glass Passivatec Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
RS201 SECOS-RS201 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Chip Integration Techno...
ABS22 CITC-ABS22 Datasheet
581Kb / 4P
   Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com