Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70-04 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BAS70-04 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BAS70-04
Download  BAS70-04 Download

File Size   91.23 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Schottky Barrier Diodes

BAS70-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70-04 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BAS70-04
Download  BAS70-04 Click to download

File Size   91.23 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Schottky Barrier Diodes

BAS70-04 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BAS70-04 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70-04 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

BAS70-04 Product details

FEATURES
• Low Turn-on Voltage
• Low Forward Voltage - 0.75V(Max) @ IF = 10 mA
• Very Low Capacitance - Less Than 2.0pF @ 0V
• For high speed switching application, circuit protection




Similar Part No. - BAS70-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
SHENZHEN YONGERJIA INDU...
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Galaxy Semi-Conductor H...
BAS70-04 BILIN-BAS70-04 Datasheet
533Kb / 3P
   Surface mount schottky barrier diode
logo
Taiwan Semiconductor Co...
BAS70-04 TSC-BAS70-04 Datasheet
114Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
More results


Similar Description - BAS70-04

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com