Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP36F Datasheet (PDF) - Mospec Semiconductor

TIP36F Datasheet PDF - Mospec Semiconductor
Part # TIP36F
Download  TIP36F Download

File Size   164.65 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,120-160V,125W)

TIP36F Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP36F Datasheet PDF - Mospec Semiconductor

Part # TIP36F
Download  TIP36F Click to download

File Size   164.65 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,120-160V,125W)

TIP36F Datasheet (HTML) - Mospec Semiconductor

TIP36F Datasheet HTML 1Page - Mospec Semiconductor TIP36F Datasheet HTML 2Page - Mospec Semiconductor TIP36F Datasheet HTML 3Page - Mospec Semiconductor

TIP36F Product details

25 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 120-160 VOLTS 125 WATTS



General Purpose-Amplitier and Switching Application..




Similar Part No. - TIP36F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP36F ISC-TIP36F Datasheet
105Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
TIP36F CDIL-TIP36F Datasheet
72Kb / 3P
   POWER TRANSISTORS
TIP36FPNP CDIL-TIP36FPNP Datasheet
72Kb / 3P
   POWER TRANSISTORS
More results


Similar Description - TIP36F

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
MJE4340 MOSPEC-MJE4340 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
   POWER TRANSISTORS(6A,120-160V,65W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,120-160V,80W)
TIP31D MOSPEC-TIP31D Datasheet
200Kb / 4P
   POWER TRANSISTORS(3.0A,120-160V,40W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
   Complementary Silicon Power Transistor 25A/40~100V/125W
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com