Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ25M Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

GBJ25M Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # GBJ25M
Download  GBJ25M Download

File Size   187.86 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 25.0 AMP Glass Passivated Bridge Rectifiers

GBJ25M Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ25M Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # GBJ25M
Download  GBJ25M Click to download

File Size   187.86 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 25.0 AMP Glass Passivated Bridge Rectifiers

GBJ25M Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

GBJ25M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ25M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

GBJ25M Product details

FEATURES

. Surge overload rating – 350 amperes peak

. Ideal for printed circuit board

. Reliable low cost construction utilizing Molded plastic technique

. Plastic material has underwrites laboratory

   Flammability classification 94V-0

. Polarity: marked on body

. Mounting position: Any



 




Similar Part No. - GBJ25M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBJ25M ZOWIE-GBJ25M Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25M ZSELEC-GBJ25M Datasheet
176Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
GBJ25M WTE-GBJ25M Datasheet
61Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ25M GOOD-ARK-GBJ25M Datasheet
156Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 25.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
GBJ25M SEMTECH_ELEC-GBJ25M Datasheet
320Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Similar Description - GBJ25M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005 Datasheet
286Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
   25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
GBPC25005W DYELEC-GBPC25005W Datasheet
2Mb / 2P
   SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBPC25005 DYELEC-GBPC25005 Datasheet
2Mb / 2P
   SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_11 Datasheet
140Kb / 2P
   Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
GBJ4A SECOS-GBJ4A Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com