Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10A8 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

P10A8 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # P10A8
Download  P10A8 Download

File Size   130.09 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers

P10A8 Datasheet (PDF)

Go To PDF Page Download Datasheet
P10A8 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # P10A8
Download  P10A8 Click to download

File Size   130.09 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers

P10A8 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

P10A8 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P10A8 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - P10A8

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05_15 Datasheet
135Kb / 2P
   10 A, General Purpose Rectifiers
logo
HY-LINE Power Component...
P10A1205D HY-LINE-P10A1205D Datasheet
1Mb / 5P
   10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A1205S HY-LINE-P10A1205S Datasheet
1Mb / 5P
   10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A1209D HY-LINE-P10A1209D Datasheet
1Mb / 5P
   10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A1209S HY-LINE-P10A1209S Datasheet
1Mb / 5P
   10 W DC-DC Converter P10A-Series
Rev: 20180712 f
More results


Similar Description - P10A8

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
   VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
logo
Guangdong Youtai Semico...
1N4001 UMW-1N4001 Datasheet
124Kb / 4P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
SHIKUES Electronics
1N4001G SKTECHNOLGY-1N4001G Datasheet
1Mb / 3P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001W SKTECHNOLGY-1N4001W Datasheet
349Kb / 4P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
S1AF SKTECHNOLGY-S1AF Datasheet
348Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05_15 Datasheet
135Kb / 2P
   10 A, General Purpose Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
   50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com