Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1207RU Datasheet (PDF) - MicroPower Direct, LLC

B1207RU Datasheet PDF - MicroPower Direct, LLC
Part # B1207RU
Download  B1207RU Download

File Size   81.78 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Wide Input 12W Single & Dual Output DC/DC Converters

B1207RU Datasheet (PDF)

Go To PDF Page Download Datasheet
B1207RU Datasheet PDF - MicroPower Direct, LLC

Part # B1207RU
Download  B1207RU Click to download

File Size   81.78 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Wide Input 12W Single & Dual Output DC/DC Converters

B1207RU Datasheet (HTML) - MicroPower Direct, LLC

B1207RU Datasheet HTML 1Page - MicroPower Direct, LLC B1207RU Datasheet HTML 2Page - MicroPower Direct, LLC

B1207RU Product details

Key Features:
● 12W Output Power
● UL Approved (File E245422)
● 4:1 Input Voltage Range
● 1,500 VDC Isolation
● Compact 1 x 2 Inch Case
● Single & Dual Outputs
● Optional Remote ON/OFF
● Industry Standard Pin-Out




Similar Part No. - B1207RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1207RU ETC1-B1207RU Datasheet
150Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters
More results


Similar Description - B1207RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1200RU ETC1-B1200RU Datasheet
150Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com