Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF22 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SF22 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SF22
Download  SF22 Download

File Size   417.46 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0AMP Super Fast Rectifiers

SF22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF22 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SF22
Download  SF22 Click to download

File Size   417.46 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0AMP Super Fast Rectifiers

SF22 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SF22 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF22 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

SF22 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams




Similar Part No. - SF22

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF22 FS-SF22 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
Shanghai Shunye Electro...
SF22 SHUNYE-SF22 Datasheet
233Kb / 2P
   SUPER FAST RECTIFIER
logo
Leshan Radio Company
SF22 LRC-SF22 Datasheet
55Kb / 2P
   SUPER FAST DIODES
More results


Similar Description - SF22

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF27G CYSTEKEC-SF27G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
ES2MA LUGUANG-ES2MA Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
   2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
FR201 SECOS-FR201 Datasheet
186Kb / 2P
   2.0AMP Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com