Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF52 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SF52 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SF52
Download  SF52 Download

File Size   160.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5 A, Super Fast Rectifiers

SF52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF52 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SF52
Download  SF52 Click to download

File Size   160.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5 A, Super Fast Rectifiers

SF52 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SF52 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF52 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

SF52 Product details

VOLTAGE 50 ~ 600 V 5 A, Super Fast Rectifiers



FEATURES

  Low forward voltage drop

  High current capability

  High reliability

  High surge current capability

  High speed switching




Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
SF52 SHUNYE-SF52 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Nantong Hornby Electron...
SF52 HORNBY-SF52 Datasheet
264Kb / 3P
   SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SF52 DAESAN-SF52 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Diotech Company.
SF52 DIOTECH-SF52 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results


Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF51G SECOS-SF51G Datasheet
161Kb / 2P
   5 A, Glass Passivated Super Fast Rectifiers
logo
Bytesonic Electronics C...
ES5A BYTESONIC-ES5A Datasheet
447Kb / 2P
   5 AMP SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF21 SECOS-SF21_09 Datasheet
150Kb / 2P
   2 A, Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF51 DYELEC-SF51 Datasheet
614Kb / 2P
   5 .0 AMP. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com