Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2028ERW Datasheet (PDF) - MicroPower Direct, LLC

F2028ERW Datasheet PDF - MicroPower Direct, LLC
Part # F2028ERW
Download  F2028ERW Download

File Size   225.6 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters

F2028ERW Datasheet (PDF)

Go To PDF Page Download Datasheet
F2028ERW Datasheet PDF - MicroPower Direct, LLC

Part # F2028ERW
Download  F2028ERW Click to download

File Size   225.6 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters

F2028ERW Datasheet (HTML) - MicroPower Direct, LLC

F2028ERW Datasheet HTML 1Page - MicroPower Direct, LLC F2028ERW Datasheet HTML 2Page - MicroPower Direct, LLC

F2028ERW Product details

Key Features:
• 20W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Single & Dual Outputs
• Efficiency to 86%
• Compact 1.6 x 2 In. Case
• -40°C to +71°C Operation
• Industry Standard Pin-Out
• Lowest Cost!!




Similar Part No. - F2028ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2028ERW MPD-F2028ERW Datasheet
217Kb / 2P
   F2000ERW SERIES
More results


Similar Description - F2028ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RUI MPD-B2000RUI Datasheet
226Kb / 2P
   Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
ML300ERW MPD-ML300ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
   Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
   Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com