Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM540B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM540B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM540B
Download  SM540B Download

File Size   292.69 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5.0AMP Surface Mount Schottky Barrier Rectifiers

SM540B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM540B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM540B
Download  SM540B Click to download

File Size   292.69 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5.0AMP Surface Mount Schottky Barrier Rectifiers

SM540B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SM540B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM540B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

SM540B Product details

FEATURES

• High Current Capability

• Extremely Low Thermal Resistance

• For Surface Mount Application

• Higher Temp Soldering : 250°C for 10 Seconds at Terminals

• Low Revise Current



 




Similar Part No. - SM540B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM540B SECOS-SM540B Datasheet
403Kb / 2P
   Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM540B TAYCHIPST-SM540B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM540B LRC-SM540B Datasheet
172Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
First Silicon Co., Ltd
SM540B FS-SM540B Datasheet
232Kb / 4P
   SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM540BF AITSEMI-SM540BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
More results


Similar Description - SM540B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK52C CHENG-YI-SK52C Datasheet
287Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B CHENG-YI-SK52B Datasheet
291Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM540DS SECOS-SM540DS Datasheet
291Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
SM520C SECOS-SM520C Datasheet
210Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
SM5150D SECOS-SM5150D Datasheet
144Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM520B FS-SM520B Datasheet
232Kb / 4P
   SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com