Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF113DI Datasheet (PDF) - MicroPower Direct, LLC

LF113DI Datasheet PDF - MicroPower Direct, LLC
Part # LF113DI
Download  LF113DI Download

File Size   216.31 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation, 1W Dual Output SMT DC/DC Converters

LF113DI Datasheet (PDF)

Go To PDF Page Download Datasheet
LF113DI Datasheet PDF - MicroPower Direct, LLC

Part # LF113DI
Download  LF113DI Click to download

File Size   216.31 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation, 1W Dual Output SMT DC/DC Converters

LF113DI Datasheet (HTML) - MicroPower Direct, LLC

LF113DI Datasheet HTML 1Page - MicroPower Direct, LLC LF113DI Datasheet HTML 2Page - MicroPower Direct, LLC

LF113DI Product details

Key Features:

• 1W Output Power

• Ultra-Miniature SMT Case

• 3,000 VDC Isolation

• 5V, 12V & 24V Inputs

• -40ºC to +85ºC Operation

• 9 Standard Models

• 2.0 MH MTBF Minimum

• Industry Standard Pin-Out



 




Similar Part No. - LF113DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
   1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113D MPD-LF113D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
More results


Similar Description - LF113DI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
   Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
   1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com