Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF507RU Datasheet (PDF) - MicroPower Direct, LLC

LF507RU Datasheet PDF - MicroPower Direct, LLC
Part # LF507RU
Download  LF507RU Download

File Size   223.3 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters

LF507RU Datasheet (PDF)

Go To PDF Page Download Datasheet
LF507RU Datasheet PDF - MicroPower Direct, LLC

Part # LF507RU
Download  LF507RU Click to download

File Size   223.3 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters

LF507RU Datasheet (HTML) - MicroPower Direct, LLC

LF507RU Datasheet HTML 1Page - MicroPower Direct, LLC LF507RU Datasheet HTML 2Page - MicroPower Direct, LLC

LF507RU Product details

Key Features:
• 5W Output Power
• Wide 4:1 Inputs
• Miniature SMT Case
• Tight Line/Load Regulation
• 1,500 VDC Isolation
• -40ºC to +71ºC Operation
• 14 Standard Models
• 1.0 MH MTBF Minimum
• Industry Standard Pin-Out




Similar Part No. - LF507RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF507RU MPD-LF507RU Datasheet
224Kb / 2P
   LF500RU SERIES
More results


Similar Description - LF507RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
   Wide Input, 5W SMT Single & Dual Output DC/DC Converters
LF300RU MPD-LF300RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
   Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
A500RHI MPD-A500RHI Datasheet
834Kb / 2P
   Very High Isolation, 5W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com