Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GT00 Datasheet (PDF) - Leshan Radio Company

L74VHC1GT00 Datasheet PDF - Leshan Radio Company
Part # L74VHC1GT00
Download  L74VHC1GT00 Download

File Size   377.69 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT00 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1GT00 Datasheet PDF - Leshan Radio Company

Part # L74VHC1GT00
Download  L74VHC1GT00 Click to download

File Size   377.69 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT00 Datasheet (HTML) - Leshan Radio Company

L74VHC1GT00 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GT00 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GT00 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GT00 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GT00 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GT00 Datasheet HTML 6Page - Leshan Radio Company

L74VHC1GT00 Product details

The L74VHC1GT00 is a single gate 2–input NAND fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The L74VHC1GT00 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT00 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: t PD = 3.1 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2mA (Max) at T A = 25°C
• TTL–Compatible Inputs: V IL = 0.8 V; V IH = 2.0 V
• CMOS–Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @Load
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 64; Equivalent Gates = 14




Similar Part No. - L74VHC1GT00

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT01 LRC-L74VHC1GT01 Datasheet
252Kb / 6P
   2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT01DFT1 LRC-L74VHC1GT01DFT1 Datasheet
252Kb / 6P
   2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT01DFT2 LRC-L74VHC1GT01DFT2 Datasheet
252Kb / 6P
   2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT01DFT4 LRC-L74VHC1GT01DFT4 Datasheet
252Kb / 6P
   2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT01DTT1 LRC-L74VHC1GT01DTT1 Datasheet
252Kb / 6P
   2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
More results


Similar Description - L74VHC1GT00

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
L74VHC1GT02 LRC-L74VHC1GT02 Datasheet
206Kb / 6P
   2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
MC74VHC1GT50 LRC-MC74VHC1GT50 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com