Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

315-503-20-50 Datasheet (PDF) - Marl International Limited

315-503-20-50 Datasheet PDF - Marl International Limited
Part # 315-503-20-50
Download  315-503-20-50 Download

File Size   367.24 Kbytes
Page   4 Pages
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited
Description PANEL INDICATOR LEDs - 횠6.35mm Mounting

315-503-20-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
315-503-20-50 Datasheet PDF - Marl International Limited

Part # 315-503-20-50
Download  315-503-20-50 Click to download

File Size   367.24 Kbytes
Page   4 Pages
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited
Description PANEL INDICATOR LEDs - 횠6.35mm Mounting

315-503-20-50 Datasheet (HTML) - Marl International Limited

315-503-20-50 Datasheet HTML 1Page - Marl International Limited 315-503-20-50 Datasheet HTML 2Page - Marl International Limited 315-503-20-50 Datasheet HTML 3Page - Marl International Limited 315-503-20-50 Datasheet HTML 4Page - Marl International Limited



Similar Part No. - 315-503-20-50

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
315-012-500-201 EDAC-315-012-500-201 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
315-012-500-202 EDAC-315-012-500-202 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-202 EDAC-315-012-500-202 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
More results


Similar Description - 315-503-20-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com