Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-24D15 Datasheet (PDF) - Power Mate Technology Co., LTD

DU1P0-24D15 Datasheet PDF - Power Mate Technology Co., LTD
Part # DU1P0-24D15
Download  DU1P0-24D15 Download

File Size   233.42 Kbytes
Page   2 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 1 WATT UNREGULATED OUTPUT POWER

DU1P0-24D15 Datasheet (PDF)

Go To PDF Page Download Datasheet
DU1P0-24D15 Datasheet PDF - Power Mate Technology Co., LTD

Part # DU1P0-24D15
Download  DU1P0-24D15 Click to download

File Size   233.42 Kbytes
Page   2 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 1 WATT UNREGULATED OUTPUT POWER

DU1P0-24D15 Datasheet (HTML) - Power Mate Technology Co., LTD

DU1P0-24D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD DU1P0-24D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD

DU1P0-24D15 Product details

DESCRIPTION
The DU1P0 series are the standard building blocks for on-board distributed power systems. They are ideally suited to provide single and dual supplies on primarily digital boards with added benefit of galvanic isolation to reduce switching noise.

FEATURES
• 1 WATT UNREGULATED OUTPUT POWER
• OUTPUT CURRENT UP TO 0.2A
• SINGLE -IN-LINE PACKAGE (SIP)
• HIGH EFFICIENCY FOR LOW POWER APPLICATION
• INPUT RANGE FROM 4.5VDC TO 5.5VDC, 10.8VDC TO 13.2 VDC, 13.5VDC TO 16.5VDC AND 21.6VDC TO 26.4VDC
• UL 94-V0 NON-CONDUCTED CASE
• INTERNAL INPUT & OUTPUT FILTER
• INPUT TO OUTPUT ISOLATION UP:3kVDC, MIN.
• SUFFIX-N ISOLATION LEVEL REINFORCE
• UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
• CE MARKED
• COMPLIANT TO RoHS II & REACH

APPLICATIONS
    Wireless Network
    Telecom/Datacom
    Industry Control System
    Measurement Equipment
    Semiconductor Equipment




Similar Part No. - DU1P0-24D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-24D15 ETC-DU1P0-24D15 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-24D15 ASTRODYNE-DU1P0-24D15 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
DU1P0-24D15 RSG-DU1P0-24D15 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-24D15 P-DUKE-DU1P0-24D15 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-24D15 ASTRODYNE-DU1P0-24D15 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results


Similar Description - DU1P0-24D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com