Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC10-48S05 Datasheet (PDF) - Power Mate Technology Co., LTD

FDC10-48S05 Datasheet PDF - Power Mate Technology Co., LTD
Part # FDC10-48S05
Download  FDC10-48S05 Download

File Size   341.25 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 10 WATTS OUTPUT POWER

FDC10-48S05 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC10-48S05 Datasheet PDF - Power Mate Technology Co., LTD

Part # FDC10-48S05
Download  FDC10-48S05 Click to download

File Size   341.25 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 10 WATTS OUTPUT POWER

FDC10-48S05 Datasheet (HTML) - Power Mate Technology Co., LTD

FDC10-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC10-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC10-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD

FDC10-48S05 Product details

The FDC10 and FDC10-W series offer 10 watts of output power from a 2 x 1 x 0.4 inch package. FDC10 series have 2 : 1 wide input voltage of 9-18, 18-36 and 36-75VDC.
FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. The FDC10 and FDC10-W features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six sided shielding. The safety approval of EN60950 and UL1950. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications. According the extended operation temperature range, there are “M1” and “M2” version for special application.

• 10 WATTS OUTPUT POWER
• 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
• INTERNATIONAL SAFETY STANDARD APPROVAL
• SIX-SIDED CONTINUOUS SHIELD
• HIGH EFFICIENCY UP TO 86%
• STANDARD 2” X 1” X 0.4” PACKAGE
• FIXED SWITCHING FREQUENCY




Similar Part No. - FDC10-48S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10-48S05 ETC1-FDC10-48S05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-48S05 ASTRODYNE-FDC10-48S05 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-48S05 P-DUKE-FDC10-48S05 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-48S05 ASTRODYNE-FDC10-48S05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-48S05W ETC1-FDC10-48S05W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results


Similar Description - FDC10-48S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
logo
List of Unclassifed Man...
AA10B ETC-AA10B Datasheet
52Kb / 2P
   10 Watts(NEW 3.3V Output)
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com