Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-48D12 Datasheet (PDF) - Power Mate Technology Co., LTD

FDC20-48D12 Datasheet PDF - Power Mate Technology Co., LTD
Part # FDC20-48D12
Download  FDC20-48D12 Download

File Size   278.19 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 20 WATTS OUTPUT POWER

FDC20-48D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC20-48D12 Datasheet PDF - Power Mate Technology Co., LTD

Part # FDC20-48D12
Download  FDC20-48D12 Click to download

File Size   278.19 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 20 WATTS OUTPUT POWER

FDC20-48D12 Datasheet (HTML) - Power Mate Technology Co., LTD

FDC20-48D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20-48D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20-48D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD

FDC20-48D12 Product details

DESCRIPTION

The FDC20 and FDC20-W series offer 20 Watts of output power from a 2 x 1.6 x 0.4 inch package. The FDC20 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FDC20-W series with 4:1 wide input voltage of 9-36 and 18-75VDC.



FEATURES

• 20 WATTS OUTPUT POWER

• OUTPUT CURRENT UP TO 4A

• STANDARD 2” X 1.6” X 0.4” PACKAGE

• HIGH EFFICIENCY UP TO 87%

• 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE

• SIX-SIDED CONTINUOUS SHIELD

• FIXED SWITCHING FREQUENCY

• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC

• UL60950-1, EN60950-1 AND IEC60950-1 LICENSED

• ISO9001 CERTIFIED MANUFACTURING FACILITIES

• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC



APPLICATIONS

  Wireless Network

  Telecom/Datacom

  Industry Control System

  Measurement Equipment

  Semiconductor Equipment



 




Similar Part No. - FDC20-48D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-48D12 ETC2-FDC20-48D12 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-48D12 ASTRODYNE-FDC20-48D12 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-48D12 P-DUKE-FDC20-48D12 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-48D12 ASTRODYNE-FDC20-48D12 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FDC20-48D12W VOLGEN-FDC20-48D12W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
More results


Similar Description - FDC20-48D12

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-12S1P5 P-DUKE-FED20-12S1P5 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
logo
Astec America, Inc
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
   20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Artesyn Technologies
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
   Total Power: 20 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com