Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-12D12 Datasheet (PDF) - Power Mate Technology Co., LTD

FKC08-12D12 Datasheet PDF - Power Mate Technology Co., LTD
Part # FKC08-12D12
Download  FKC08-12D12 Download

File Size   283.66 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 8 WATTS OUTPUT POWER

FKC08-12D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKC08-12D12 Datasheet PDF - Power Mate Technology Co., LTD

Part # FKC08-12D12
Download  FKC08-12D12 Click to download

File Size   283.66 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 8 WATTS OUTPUT POWER

FKC08-12D12 Datasheet (HTML) - Power Mate Technology Co., LTD

FKC08-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC08-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC08-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD

FKC08-12D12 Product details

DESCRIPTION
The FKC08 series offer 8 watts of output power from a package in an IC compatible 24pin DIP configuration. FKC08 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FKC08 have features 1600VDC of isolation, short circuit protection and as well as five sided shielding.

FEATURES
• 8 WATTS OUTPUT POWER
• OUTPUT CURRENT UP TO 2A
• STANDARD 1.25 X 0.80 X 0.40 INCH
• HIGH EFFICIENCY UP TO 88%
• 2:1 WIDE INPUT VOLTAGE RANGE
• FIVE-SIDED CONTINUOUS SHIELD
• FIXED SWITCHING FREQUENCY (300KHz)
• STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
• UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC

APPLICATIONS
    Wireless Network
    Telecom/Datacom
    Industry Control System
    Measurement Equipment
    Semiconductor Equipment




Similar Part No. - FKC08-12D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC08-12D12 ETC-FKC08-12D12 Datasheet
115Kb / 2P
   8 WATTS DC-DC CONVERTER
logo
Make-Ps
FKC08-12D12 MAKE-PS-FKC08-12D12 Datasheet
462Kb / 3P
   Single & Dual Output DC/DC Converter
logo
RSG Electronic Componen...
FKC08-12D12 RSG-FKC08-12D12 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12D12 P-DUKE-FKC08-12D12 Datasheet
508Kb / 3P
   2:1 WIDE INPUT RANGE UP TO 8 Watts
More results


Similar Description - FKC08-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com