Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-48S1P5 Datasheet (PDF) - Power Mate Technology Co., LTD

FEC40-48S1P5 Datasheet PDF - Power Mate Technology Co., LTD
Part # FEC40-48S1P5
Download  FEC40-48S1P5 Download

File Size   356.97 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 40 WATTS MAXIMUM OUTPUT POWER

FEC40-48S1P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
FEC40-48S1P5 Datasheet PDF - Power Mate Technology Co., LTD

Part # FEC40-48S1P5
Download  FEC40-48S1P5 Click to download

File Size   356.97 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 40 WATTS MAXIMUM OUTPUT POWER

FEC40-48S1P5 Datasheet (HTML) - Power Mate Technology Co., LTD

FEC40-48S1P5 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-48S1P5 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-48S1P5 Datasheet HTML 3Page - Power Mate Technology Co., LTD FEC40-48S1P5 Datasheet HTML 4Page - Power Mate Technology Co., LTD

FEC40-48S1P5 Product details

DESCRIPTION
The FEC40 series offer 40 watts of output power from a 2 x 2 x 0.4 inch package. The FEC40 series with 2:1 wide input voltage of 9-18VDC,18-36VDC and 36-75VDC and features 1600VDC of isolation, short-circuit and over-voltage protection.
   
FEATURES
• 40 WATTS MAXIMUM OUTPUT POWER
• OUTPUT CURRENT UP TO 8A
• STANDARD 2.0 X 2.0 X 0.4 INCH PACKAGE
• HIGH EFFICIENCY UP TO 90%
• 2:1 WIDE INPUT VOLTAGE RANGE
• SIX-SIDED CONTINUOUS SHIELD
• FIXED SWITCHING FREQUENCY
• OFFER SINGLE, DUAL, DUAL POSITIVE
    (TOTAL OUTPUT CURRENT 8A) AND TRIPLE OUTPUT
• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
• UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
   
APPLICATIONS
    Wireless Network
    Telecom/Datacom
    Industry Control System
    Measurement Equipment
    Semiconductor Equipment
   




Similar Part No. - FEC40-48S1P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-48S1P5 P-DUKE-FEC40-48S1P5 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
More results


Similar Description - FEC40-48S1P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-24S3P3W P-DUKE-FEC40-24S3P3W Datasheet
272Kb / 3P
   40 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com