Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE75-48S15W Datasheet (PDF) - Power Mate Technology Co., LTD

HAE75-48S15W Datasheet PDF - Power Mate Technology Co., LTD
Part # HAE75-48S15W
Download  HAE75-48S15W Download

File Size   381.86 Kbytes
Page   5 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description OUTPUT CURRENT UP TO 20A

HAE75-48S15W Datasheet (PDF)

Go To PDF Page Download Datasheet
HAE75-48S15W Datasheet PDF - Power Mate Technology Co., LTD

Part # HAE75-48S15W
Download  HAE75-48S15W Click to download

File Size   381.86 Kbytes
Page   5 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description OUTPUT CURRENT UP TO 20A

HAE75-48S15W Datasheet (HTML) - Power Mate Technology Co., LTD

HAE75-48S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE75-48S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE75-48S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE75-48S15W Datasheet HTML 4Page - Power Mate Technology Co., LTD HAE75-48S15W Datasheet HTML 5Page - Power Mate Technology Co., LTD



Similar Part No. - HAE75-48S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75-48S15W P-DUKE-HAE75-48S15W Datasheet
688Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results


Similar Description - HAE75-48S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
ATM020A0X3-SR LINEAGEPOWER-ATM020A0X3-SR Datasheet
766Kb / 21P
   2.4 - 3.63Vdc input; 0.75Vdc to 2.0Vdc Output; 20A output current
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com