Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMKC03-05S12 Datasheet (PDF) - Power Mate Technology Co., LTD

PMKC03-05S12 Datasheet PDF - Power Mate Technology Co., LTD
Part # PMKC03-05S12
Download  PMKC03-05S12 Download

File Size   239.52 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 3 WATTS REGULATED OUTPUT POWER

PMKC03-05S12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMKC03-05S12 Datasheet PDF - Power Mate Technology Co., LTD

Part # PMKC03-05S12
Download  PMKC03-05S12 Click to download

File Size   239.52 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 3 WATTS REGULATED OUTPUT POWER

PMKC03-05S12 Datasheet (HTML) - Power Mate Technology Co., LTD

PMKC03-05S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD PMKC03-05S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD PMKC03-05S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD

PMKC03-05S12 Product details

DESCRIPTION
The PMKC03 series offer 3 watts of output power from a package in an IC compatible 24pin DIP configuration without derating to 71ºC ambient temperature. PMKC03 series have 2:1 wide input voltage of 4.5~6, 9~18, 18~36 and 36~75VDC.

FEATURES
• 3 WATTS REGULATED OUTPUT POWER
• OUTPUT CURRENT UP TO 600mA
• STANDARD 1.25 X 0.80X 0.40 INCH
• HIGH EFFICIENCY UP TO 80%
• 2:1 WIDE INPUT VOLTAGE RANGE
• SWITCHING FREQUENCY (100kHz, MIN)
• INCLUDE 3.3VDC OUTPUT
• STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
• DUAL SEPARATE OUTPUT
• UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
• CE MARKED
• COMPLIANT TO RoHS II & REACH

APPLICATIONS
   Wireless Network
   Telecom/Datacom
   Industry Control System
   Measurement Equipment
   Semiconductor Equipment




Similar Part No. - PMKC03-05S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03-05S12 ETC1-PMKC03-05S12 Datasheet
124Kb / 3P
   3 Watts of Output Power From a Package
logo
RSG Electronic Componen...
PMKC03-05S12 RSG-PMKC03-05S12 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PMKC03-05S12 P-DUKE-PMKC03-05S12 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
PMKC03-05S12 ASTRODYNE-PMKC03-05S12 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Similar Description - PMKC03-05S12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com