Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ742-2C-220A Datasheet (PDF) - American Zettler, Inc.

AZ742-2C-220A Datasheet PDF - American Zettler, Inc.
Part # AZ742-2C-220A
Download  AZ742-2C-220A Download

File Size   91.15 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 8 A DPDT MINIATURE POWER RELAY

AZ742-2C-220A Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ742-2C-220A Datasheet PDF - American Zettler, Inc.

Part # AZ742-2C-220A
Download  AZ742-2C-220A Click to download

File Size   91.15 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 8 A DPDT MINIATURE POWER RELAY

AZ742-2C-220A Datasheet (HTML) - American Zettler, Inc.

AZ742-2C-220A Datasheet HTML 1Page - American Zettler, Inc. AZ742-2C-220A Datasheet HTML 2Page - American Zettler, Inc.

AZ742-2C-220A Product details

FEATURES

• Dielectric strength 5000 Vrms

• Low height: 15.7 mm

• Epoxy sealed version available

• 8 Amp switching — double pole contacts

• AC and DC coils

• Isolation spacing greater than 10 mm

• Proof tracking index (PTI/CTI) 250

• Surpasses requirements of VDE 0631/0700

• UL, CUR file E43203; VDE 119918



 




Similar Part No. - AZ742-2C-220A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742-2C-220A ZETTLER-AZ742-2C-220A Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ742-2C-220A ZETTLER-AZ742-2C-220A Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742-2C-220A ZETTLER-AZ742-2C-220A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results


Similar Description - AZ742-2C-220A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com