Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ762H-1CB-5D Datasheet (PDF) - American Zettler, Inc.

AZ762H-1CB-5D Datasheet PDF - American Zettler, Inc.
Part # AZ762H-1CB-5D
Download  AZ762H-1CB-5D Download

File Size   171.25 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY

AZ762H-1CB-5D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ762H-1CB-5D Datasheet PDF - American Zettler, Inc.

Part # AZ762H-1CB-5D
Download  AZ762H-1CB-5D Click to download

File Size   171.25 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY

AZ762H-1CB-5D Datasheet (HTML) - American Zettler, Inc.

AZ762H-1CB-5D Datasheet HTML 1Page - American Zettler, Inc. AZ762H-1CB-5D Datasheet HTML 2Page - American Zettler, Inc. AZ762H-1CB-5D Datasheet HTML 3Page - American Zettler, Inc.

AZ762H-1CB-5D Product details

FEATURES

• High ambient operating temperature (105°C)

• Dielectric strength 5000 Vrms

• Low cost

• Epoxy sealed versions available

• 16 Amp switching (standard coil only)

• Class B (130°C) standard

• Isolation spacing greater than 10 mm

• UL, CUR file E44211, VDE40006031




Similar Part No. - AZ762H-1CB-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762H-1CB-5DF ZETTLER-AZ762H-1CB-5DF Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Similar Description - AZ762H-1CB-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com