Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ763L-1C-3D Datasheet (PDF) - American Zettler, Inc.

AZ763L-1C-3D Datasheet PDF - American Zettler, Inc.
Part # AZ763L-1C-3D
Download  AZ763L-1C-3D Download

File Size   104.75 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 12 A SPDT MINIATURE POWER RELAY

AZ763L-1C-3D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ763L-1C-3D Datasheet PDF - American Zettler, Inc.

Part # AZ763L-1C-3D
Download  AZ763L-1C-3D Click to download

File Size   104.75 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 12 A SPDT MINIATURE POWER RELAY

AZ763L-1C-3D Datasheet (HTML) - American Zettler, Inc.

AZ763L-1C-3D Datasheet HTML 1Page - American Zettler, Inc. AZ763L-1C-3D Datasheet HTML 2Page - American Zettler, Inc.

AZ763L-1C-3D Product details

FEATURES

• Dielectric strength 5000 Vrms

• Low height: 15.7 mm

• Epoxy sealed version available

• 12 Amp switching

• AC and DC coils

• Isolation spacing greater than 10 mm

• Proof tracking index (PTI/CTI) 250

• Surpasses requirements of VDE 0631/0700

• UL, CUR file E43203; VDE 112904



 




Similar Part No. - AZ763L-1C-3D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763L-1C-3D ZETTLER-AZ763L-1C-3D Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Similar Description - AZ763L-1C-3D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com