Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ851-48 Datasheet (PDF) - American Zettler, Inc.

AZ851-48 Datasheet PDF - American Zettler, Inc.
Part # AZ851-48
Download  AZ851-48 Download

File Size   109.86 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MICROMINIATURE POLARIZED RELAY

AZ851-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ851-48 Datasheet PDF - American Zettler, Inc.

Part # AZ851-48
Download  AZ851-48 Click to download

File Size   109.86 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MICROMINIATURE POLARIZED RELAY

AZ851-48 Datasheet (HTML) - American Zettler, Inc.

AZ851-48 Datasheet HTML 1Page - American Zettler, Inc. AZ851-48 Datasheet HTML 2Page - American Zettler, Inc. AZ851-48 Datasheet HTML 3Page - American Zettler, Inc.

AZ851-48 Product details

FEATURES

• Microminiature size: Height: .244 inches (6.2 mm);

   Length: .559 inches (14.2 mm);

   Width: .366 inches (9.3 mm)

• High sensitivity, 79 mW pickup

• Meets FCC Part 68.302 1500 V lightning surge

• Surface mount type with “L” shaped terminals

• Epoxy sealed for automatic wave soldering and cleaning

• UL, CUR file E43203



 




Similar Part No. - AZ851-48

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ851-48 ZETTLER-AZ851-48 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ851-48 ZETTLER-AZ851-48 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Similar Description - AZ851-48

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com