Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ944-1C-9DE Datasheet (PDF) - American Zettler, Inc.

AZ944-1C-9DE Datasheet PDF - American Zettler, Inc.
Part # AZ944-1C-9DE
Download  AZ944-1C-9DE Download

File Size   76.19 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 AMP LOW PROFILE POWER RELAY

AZ944-1C-9DE Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ944-1C-9DE Datasheet PDF - American Zettler, Inc.

Part # AZ944-1C-9DE
Download  AZ944-1C-9DE Click to download

File Size   76.19 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 AMP LOW PROFILE POWER RELAY

AZ944-1C-9DE Datasheet (HTML) - American Zettler, Inc.

AZ944-1C-9DE Datasheet HTML 1Page - American Zettler, Inc. AZ944-1C-9DE Datasheet HTML 2Page - American Zettler, Inc.

AZ944-1C-9DE Product details

FEATURES
• High power switching (2000 VA)
• High sensitivity, 128 mW pickup
• Low profile (less than .5" height)
• SPST (1 Form A), SPDT (1 Form C)
• DC coils up to 100 VDC
• Class B (130°C) and Class F (155°C) insulation systems available
• UL, CUR file E44211




Similar Part No. - AZ944-1C-9DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944-1C-9D ZETTLER-AZ944-1C-9D Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
More results


Similar Description - AZ944-1C-9DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com