Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB1511681MZF Datasheet (PDF) - Superworld Electronics

PDB1511681MZF Datasheet PDF - Superworld Electronics
Part # PDB1511681MZF
Download  PDB1511681MZF Download

File Size   488.08 Kbytes
Page   6 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

PDB1511681MZF Datasheet (PDF)

Go To PDF Page Download Datasheet
PDB1511681MZF Datasheet PDF - Superworld Electronics

Part # PDB1511681MZF
Download  PDB1511681MZF Click to download

File Size   488.08 Kbytes
Page   6 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

PDB1511681MZF Datasheet (HTML) - Superworld Electronics

PDB1511681MZF Datasheet HTML 1Page - Superworld Electronics PDB1511681MZF Datasheet HTML 2Page - Superworld Electronics PDB1511681MZF Datasheet HTML 3Page - Superworld Electronics PDB1511681MZF Datasheet HTML 4Page - Superworld Electronics PDB1511681MZF Datasheet HTML 5Page - Superworld Electronics PDB1511681MZF Datasheet HTML 6Page - Superworld Electronics

PDB1511681MZF Product details

GENERAL SPECIFICATION :

a) Temp. rise : 40°C Typ. at Irms
b) ΔL/L0A = 10% Typ. at Isat
c) Storage temp. : -40°C to +125°C
d) Operating temp. : -40°C to +80°C
e) Resistance to solder heat : 260°C.10 secs




Similar Part No. - PDB1511681MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1507 SUPERWORLD-PDB1507 Datasheet
499Kb / 6P
   SMD POWER INDUCTORS
PDB1507100MZF SUPERWORLD-PDB1507100MZF Datasheet
499Kb / 6P
   SMD POWER INDUCTORS
PDB1507101MZF SUPERWORLD-PDB1507101MZF Datasheet
499Kb / 6P
   SMD POWER INDUCTORS
PDB1507102MZF SUPERWORLD-PDB1507102MZF Datasheet
499Kb / 6P
   SMD POWER INDUCTORS
PDB1507150MZF SUPERWORLD-PDB1507150MZF Datasheet
499Kb / 6P
   SMD POWER INDUCTORS
More results


Similar Description - PDB1511681MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com