Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2304 Datasheet (PDF) - KR Electronics, Inc.

2304 Datasheet PDF - KR Electronics, Inc.
Part # 2304
Download  2304 Download

File Size   22.62 Kbytes
Page   1 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Video Filter

2304 Datasheet (PDF)

Go To PDF Page Download Datasheet
2304 Datasheet PDF - KR Electronics, Inc.

Part # 2304
Download  2304 Click to download

File Size   22.62 Kbytes
Page   1 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Video Filter

2304 Datasheet (HTML) - KR Electronics, Inc.

2304 Datasheet HTML 1Page - KR Electronics, Inc.

2304 Product details

Video Filter
KR Model 2304

Specifications
   Filter Type Video Lowpass
   Insertion Loss < 3 dB (2.7 dB typ)
   End of Passband 5.75 MHz
   Effective Passband Ripple < .1 dB p-p (.05 dB typ)
   Group Delay Ripple < 5 nsec
   Group Delay Control to 5.75 MHz
   Start of Stopband 20.25 MHz
   Stopband Attenuation > 45 dB (> 48 dB typ)
   Sin(x)/x Compensation Yes for 27 MHz
   Source and Load Impedance 150 Ω




Similar Part No. - 2304

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2304 GHZTECH-2304 Datasheet
218Kb / 4P
   4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
logo
KIA Semiconductor Techn...
2304 KIA-2304 Datasheet
207Kb / 4P
   2.5A竊?30V N-CHANNEL MOSFET
logo
KR Electronics, Inc.
2304-F KR-2304-F Datasheet
23Kb / 2P
   Video Filter
logo
Bourns Electronic Solut...
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results


Similar Description - 2304

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
   Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
   Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
   Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
   Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
   Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
   Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
   Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
   Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
   Video Filter
2438 KR-2438 Datasheet
26Kb / 2P
   Video Filter
2465 KR-2465 Datasheet
23Kb / 2P
   Video Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com