Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ18D5 Datasheet (PDF) - SynSemi, Inc.

3EZ18D5 Datasheet PDF - SynSemi, Inc.
Part # 3EZ18D5
Download  3EZ18D5 Download

File Size   41.6 Kbytes
Page   3 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SILICON ZENER DIODES

3EZ18D5 Datasheet (PDF)

Go To PDF Page Download Datasheet
3EZ18D5 Datasheet PDF - SynSemi, Inc.

Part # 3EZ18D5
Download  3EZ18D5 Click to download

File Size   41.6 Kbytes
Page   3 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SILICON ZENER DIODES

3EZ18D5 Datasheet (HTML) - SynSemi, Inc.

3EZ18D5 Datasheet HTML 1Page - SynSemi, Inc. 3EZ18D5 Datasheet HTML 2Page - SynSemi, Inc. 3EZ18D5 Datasheet HTML 3Page - SynSemi, Inc.

3EZ18D5 Product details

VZ : 3.9 - 400 Volts
PD : 3 Watts

FEATURES :
* Complete Voltage Range 3.9 to 400 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current

MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram




Similar Part No. - 3EZ18D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ18D5 EIC-3EZ18D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
Yangzhou yangjie electr...
3EZ18D5 YANGJIE-3EZ18D5 Datasheet
221Kb / 3P
   Low Zener Impedance under small current
logo
Microsemi Corporation
3EZ18D5 MICROSEMI-3EZ18D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
Micro Commercial Compon...
3EZ18D5 MCC-3EZ18D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Jinan Gude Electronic D...
3EZ18D5 JGD-3EZ18D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
More results


Similar Description - 3EZ18D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com