Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1197KPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

2SB1197KPT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # 2SB1197KPT
Download  2SB1197KPT Download

File Size   90.83 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description PNP Switching Transistor

2SB1197KPT Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1197KPT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # 2SB1197KPT
Download  2SB1197KPT Click to download

File Size   90.83 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description PNP Switching Transistor

2SB1197KPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

2SB1197KPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SB1197KPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SB1197KPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SB1197KPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.

2SB1197KPT Product details

VOLTAGE 32 Volts CURRENT 0.8 Ampere

FEATURE
* Small surface mounting type. (SOT-23)
* Corrector peak current (Max.=1000mA).
* Suitable for high packing density.
* Low voltage (Max.=40V) .
* High saturation current capability.
* Voltage controlled small signal switch.

APPLICATION
* Telephone and proferssional communction equipment.
* Other switching applications.




Similar Part No. - 2SB1197KPT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1197K ROHM-2SB1197K Datasheet
93Kb / 3P
   Low Frequency Transistor(-32V, -0.8A)
logo
SHIKUES Electronics
2SB1197K SKTECHNOLGY-2SB1197K Datasheet
663Kb / 1P
   Low Frequency Transistor
logo
Weitron Technology
2SB1197K WEITRON-2SB1197K Datasheet
292Kb / 3P
   PNP General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SB1197K TEL-2SB1197K Datasheet
68Kb / 1P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1197K KEXIN-2SB1197K Datasheet
39Kb / 1P
   Low Frequency Transistor
More results


Similar Description - 2SB1197KPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com