Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE110PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

1.5KE110PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # 1.5KE110PT
Download  1.5KE110PT Download

File Size   120.24 Kbytes
Page   5 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1.5KE110PT Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE110PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # 1.5KE110PT
Download  1.5KE110PT Click to download

File Size   120.24 Kbytes
Page   5 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1.5KE110PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

1.5KE110PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1.5KE110PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 1.5KE110PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 1.5KE110PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. 1.5KE110PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.

1.5KE110PT Product details

VOLTAGE-6.8 TO 400 VOLTS 1500 WATTS PEAK POWER 6.5 WATTS STEADY STATE



FEATURES

* Plastic package

* 1500W surge capability at 1ms

* Glass passivated chip junction in DO-201 Package

* Excellent clamping capability

* Low Zener lmpedance

* Fast response time: typically less than 1.0ps from 0 volts to BV min.

* Typical IR less than 1 uA above 10V

* High temperature soldering guaranteed: 300 degree C/10seconds/.375"(9.5mm) lead length/51bs., (2.3k) tension



 




Similar Part No. - 1.5KE110PT

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE110P NJSEMI-1.5KE110P Datasheet
213Kb / 1P
   Transient Voltage Suppressors
1.5KE110PCP NJSEMI-1.5KE110PCP Datasheet
213Kb / 1P
   Transient Voltage Suppressors
More results


Similar Description - 1.5KE110PT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com