Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR340PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

SR340PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # SR340PT
Download  SR340PT Download

File Size   80.58 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR340PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR340PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # SR340PT
Download  SR340PT Click to download

File Size   80.58 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR340PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

SR340PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SR340PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.

SR340PT Product details

VOLTAGE RANGE 20 - 60 Volts CURRENT 3.0 Amperes



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* Low switching noise

* Low forward voltage drop

* High current capability

* High switching capability

* High reliability

* High surge capability

* High temperature soldering guaranteed : 260°C/10 seconds , 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension



 




Similar Part No. - SR340PT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR340P FORMOSA-SR340P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SR340PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com