Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B20A Datasheet (PDF) - Potato Semiconductor Corporation

PO3B20A Datasheet PDF - Potato Semiconductor Corporation
Part # PO3B20A
Download  PO3B20A Download

File Size   548.14 Kbytes
Page   6 Pages
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation
Description 4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable

PO3B20A Datasheet (PDF)

Go To PDF Page Download Datasheet
PO3B20A Datasheet PDF - Potato Semiconductor Corporation

Part # PO3B20A
Download  PO3B20A Click to download

File Size   548.14 Kbytes
Page   6 Pages
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation
Description 4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable

PO3B20A Datasheet (HTML) - Potato Semiconductor Corporation

PO3B20A Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B20A Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B20A Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B20A Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B20A Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B20A Datasheet HTML 6Page - Potato Semiconductor Corporation


Similar Part No. - PO3B20A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
More results


Similar Description - PO3B20A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
   1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com