Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222D50BER-G Datasheet (PDF) - Torex Semiconductor

XC6222D50BER-G Datasheet PDF - Torex Semiconductor
Part # XC6222D50BER-G
Download  XC6222D50BER-G Download

File Size   596.56 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Reverse Current Protection, 700mA High Speed LDO Regulator

XC6222D50BER-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6222D50BER-G Datasheet PDF - Torex Semiconductor

Part # XC6222D50BER-G
Download  XC6222D50BER-G Click to download

File Size   596.56 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Reverse Current Protection, 700mA High Speed LDO Regulator

XC6222D50BER-G Datasheet (HTML) - Torex Semiconductor

Back Button XC6222D50BER-G Datasheet HTML 1Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 2Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 3Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 4Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 5Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 6Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 7Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 8Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 9Page - Torex Semiconductor XC6222D50BER-G Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6222D50BER-G Product details

■ GENERAL DESCRIPTION

The XC6222 series is a highly accurate, low noise, high ripple rejection, low dropout, and low power consumption high speed CMOS voltage regulator. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a thermal protection circuit, a reverse current protection circuit and a phase compensation circuit. The CE function enables the entire circuit to be placed in a stand-by state by inputting a low level signal to the CE pin. In this stand-by mode, the electric charge at the output capacitor (CL) will be discharged by the internal auto-discharge switch, and as a result the VOUT pin will quickly return to the VSS level.





■ FEATURES

  Dropout Voltage : 120mV @IOUT=300mA(VOUT=3.0V)

  Operating Voltage Range : 1.7V ~ 6.0V

  Output Voltages : 0.8V~5.0V (0.05V increments)

  Accuracy : +1% (VOUT>2.0V)

                +0.02V (VOUT≦ 2.0V)

  Low Power Consumption : 100μ A (VOUT=3.0V)

  Stand-by Current : Less than 0.1μ A

  High Ripple Rejection : 65dB @ 1kHz

  Operating Temperature : -40℃ ~+85℃

  Low ESR Capacitor  : Ceramic capacitor

  Packages : USP-6C, SOT-25, SOT-89-5

  Environmentally Friendly  : EU RoHS Compliant, Pb Free



■ APPLICATIONS

● USB Products

● CD/DVD/HDD drives

● Mobile phones

● Portable game consoles

● Camera modules

● Electronic dictionaries



 




Similar Part No. - XC6222D50BER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Similar Description - XC6222D50BER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com