Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7938SIR Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7938SIR Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7938SIR
Download  SPT7938SIR Download

File Size   185.82 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 40 MSPS, 170 mW A/D CONVERTER

SPT7938SIR Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7938SIR Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7938SIR
Download  SPT7938SIR Click to download

File Size   185.82 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 40 MSPS, 170 mW A/D CONVERTER

SPT7938SIR Datasheet (HTML) - Cadeka Microcircuits LLC.

SPT7938SIR Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7938SIR Datasheet HTML 10Page - Cadeka Microcircuits LLC.

SPT7938SIR Product details

GENERAL DESCRIPTION
The SPT7938 is a 12-bit monolithic, low-cost, low-power analog-to-digital converter capable of minimum word rates of 40 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7938’s low input capacitance of only 20 pF.

FEATURES
• Monolithic 40 MSPS Analog-to-Digital Converter
• 170 mW Power Dissipation
• On-Chip Track-and-Hold
• Single +5 V Power Supply
• TTL/CMOS Outputs
• 20 pF Input Capacitance
• Selectable +3 V or +5 V Logic I/O

APPLICATIONS
• All High-Speed Applications Where Low Power Dissipation Is Required
• Video Imaging
• Medical Imaging
• Radar Receivers
• IR Imaging
• Digital Communications




Similar Part No. - SPT7938SIR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935SIT CADEKA-SPT7935SIT Datasheet
156Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Similar Description - SPT7938SIR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com