Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11149S Datasheet (PDF) - TOKO, Inc

TK11149S Datasheet PDF - TOKO, Inc
Part # TK11149S
Download  TK11149S Download

File Size   84.41 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE REGULATOR WITH ON/OFF SWITCH

TK11149S Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11149S Datasheet PDF - TOKO, Inc

Part # TK11149S
Download  TK11149S Click to download

File Size   84.41 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE REGULATOR WITH ON/OFF SWITCH

TK11149S Datasheet (HTML) - TOKO, Inc

Back Button TK11149S Datasheet HTML 1Page - TOKO, Inc TK11149S Datasheet HTML 2Page - TOKO, Inc TK11149S Datasheet HTML 3Page - TOKO, Inc TK11149S Datasheet HTML 4Page - TOKO, Inc TK11149S Datasheet HTML 5Page - TOKO, Inc TK11149S Datasheet HTML 6Page - TOKO, Inc TK11149S Datasheet HTML 7Page - TOKO, Inc TK11149S Datasheet HTML 8Page - TOKO, Inc TK11149S Datasheet HTML 9Page - TOKO, Inc TK11149S Datasheet HTML 10Page - TOKO, Inc Next Button 

TK11149S Product details

DESCRIPTION
The TK111xxS is a low dropout linear regulator with a built-in electronic switch. The internal switch can be controlled by TTL or CMOS logic levels. The device is in the “on” state when the control pin is pulled to a logic high level. An external capacitor can be connected to the noise bypass pin to lower the output noise level to 30 µVrms.
An internal PNP pass transistor is used to achieve a low dropout voltage of 85 mV (typ.) at 30 mA load current. The TK111xxS has a very low quiescent current of 140 µA (typ.) at no load . The standby current is 100 nA maximum. The internal thermal shut down circuitry limits the junction temperature to below 150 °C. The load current is internally monitored and the device will shut down in the presence of a short circuit or overcurrent condition at the output.
The TK111xxS is available in a miniature SOT-23-5 surface mount package.

FEATURES
■ High Voltage Precision at ± 2.0% or ± 60 mV
■ Active High On/Off Control
■ Very Low Dropout Voltage (85 mV at 30 mA)
■ Very Low Noise
■ Miniature Package (SOT-23-5)
■ Internal Thermal Shutdown
■ Short Circuit Protection
■ Excellent Ripple Rejection (70 dB @ 1 kHz)
■ Reverse Bias Protection

APPLICATIONS
■ Battery Powered Systems
■ Cellular Telephones
■ Pagers
■ Personal Communications Equipment
■ Portable Instrumentation
■ Portable Consumer Equipment
■ Radio Control Systems
■ Toys




Similar Part No. - TK11149S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11149M TOKO-TK11149M Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11149MCL TOKO-TK11149MCL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11149MIL TOKO-TK11149MIL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Similar Description - TK11149S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com