Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK61030STL Datasheet (PDF) - TOKO, Inc

TK61030STL Datasheet PDF - TOKO, Inc
Part # TK61030STL
Download  TK61030STL Download

File Size   52.51 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE DETECTOR

TK61030STL Datasheet (PDF)

Go To PDF Page Download Datasheet
TK61030STL Datasheet PDF - TOKO, Inc

Part # TK61030STL
Download  TK61030STL Click to download

File Size   52.51 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE DETECTOR

TK61030STL Datasheet (HTML) - TOKO, Inc

TK61030STL Datasheet HTML 1Page - TOKO, Inc TK61030STL Datasheet HTML 2Page - TOKO, Inc TK61030STL Datasheet HTML 3Page - TOKO, Inc TK61030STL Datasheet HTML 4Page - TOKO, Inc TK61030STL Datasheet HTML 5Page - TOKO, Inc TK61030STL Datasheet HTML 6Page - TOKO, Inc TK61030STL Datasheet HTML 7Page - TOKO, Inc TK61030STL Datasheet HTML 8Page - TOKO, Inc

TK61030STL Product details

DESCRIPTION
The TK610xx family of voltage detectors is designed to provide accurate monitoring of the battery voltage. These low powered CMOS devices require no external components and are available in 0.1 V steps from 2.0 V to 5.0 V.
When the input voltage reaches the detection voltage, the output goes low. This detection voltage has a ±2 % accuracy and is set at the factory. When the input voltage goes high, the output will stay low until the voltage reaches the detection voltage plus hysteresis (+3 to +7 %).
The TK610xx is available in a miniature SOT23-5 surface mount package.

FEATURES
■ Very Low Quiescent Current ( 1 µA)
■ No External Components
■ Built In Hysteresis (5% typ.)
■ ±2 % Voltage Detection Accuracy
■ Miniature Package (SOT23-5)

APPLICATIONS
■ Battery Powered Systems
■ Wireless Telephones
■ Pagers
■ Personal Communications Equipment
■ Personal Digital Assistants




Similar Part No. - TK61030STL

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results


Similar Description - TK61030STL

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com