Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65420MTL Datasheet (PDF) - TOKO, Inc

TK65420MTL Datasheet PDF - TOKO, Inc
Part # TK65420MTL
Download  TK65420MTL Download

File Size   762.5 Kbytes
Page   28 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description STEP-DOWN CONVERTER WITH BATTERY MONITOR

TK65420MTL Datasheet (PDF)

Go To PDF Page Download Datasheet
TK65420MTL Datasheet PDF - TOKO, Inc

Part # TK65420MTL
Download  TK65420MTL Click to download

File Size   762.5 Kbytes
Page   28 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description STEP-DOWN CONVERTER WITH BATTERY MONITOR

TK65420MTL Datasheet (HTML) - TOKO, Inc

Back Button TK65420MTL Datasheet HTML 1Page - TOKO, Inc TK65420MTL Datasheet HTML 2Page - TOKO, Inc TK65420MTL Datasheet HTML 3Page - TOKO, Inc TK65420MTL Datasheet HTML 4Page - TOKO, Inc TK65420MTL Datasheet HTML 5Page - TOKO, Inc TK65420MTL Datasheet HTML 6Page - TOKO, Inc TK65420MTL Datasheet HTML 7Page - TOKO, Inc TK65420MTL Datasheet HTML 8Page - TOKO, Inc TK65420MTL Datasheet HTML 9Page - TOKO, Inc TK65420MTL Datasheet HTML 10Page - TOKO, Inc Next Button 

TK65420MTL Product details

DESCRIPTION
The TK654xx low power step-down converter is designed for portable battery systems, capable of operating from a single Li-ion battery cell or multiple alkaline or rechargeable (NiCd or NiMH) battery cells (up to 6 V). The TK654xx provides the power switch, synchronous rectifier, and the control circuit for a buck step-down converter. Only two external components are required to complete the stepdown conversion.

FEATURES
■ Minimum External Component Count (1 coil, 1 cap)
■ Miniature 6 Pin SOT23L-6 Surface Mount Package
■ Up To 95% Efficient
■ Extremely Low Operating Current (24 µA)
■ Low Quiescent Current (18 µA)
■ Low Ripple
■ Fast Transient Response
■ Linear Dropout Characteristics
■ Short Circuit Protection
■ Regulates Down to 1.8 V
■ Synchronous Rectification
■ Internal Battery Monitor

APPLICATIONS
■ Battery Powered Systems
■ Cellular Telephones
■ Pagers
■ Personal Communications Equipment
■ Radio Controlled Systems
■ Toys




Similar Part No. - TK65420MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results


Similar Description - TK65420MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Analog Devices
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com