Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK73231M Datasheet (PDF) - TOKO, Inc

TK73231M Datasheet PDF - TOKO, Inc
Part # TK73231M
Download  TK73231M Download

File Size   117.63 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW DROPOUT REGULATOR

TK73231M Datasheet (PDF)

Go To PDF Page Download Datasheet
TK73231M Datasheet PDF - TOKO, Inc

Part # TK73231M
Download  TK73231M Click to download

File Size   117.63 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW DROPOUT REGULATOR

TK73231M Datasheet (HTML) - TOKO, Inc

Back Button TK73231M Datasheet HTML 1Page - TOKO, Inc TK73231M Datasheet HTML 2Page - TOKO, Inc TK73231M Datasheet HTML 3Page - TOKO, Inc TK73231M Datasheet HTML 4Page - TOKO, Inc TK73231M Datasheet HTML 5Page - TOKO, Inc TK73231M Datasheet HTML 6Page - TOKO, Inc TK73231M Datasheet HTML 7Page - TOKO, Inc TK73231M Datasheet HTML 8Page - TOKO, Inc TK73231M Datasheet HTML 9Page - TOKO, Inc TK73231M Datasheet HTML 10Page - TOKO, Inc Next Button 

TK73231M Product details

DESCRIPTION
The TK732xx is a controller IC for a low dropout voltage regulator. The TK732xx and the external PNP power transistor provide standard output voltages from 2 to 11 V and output current from 100 mA to 5 A. By utilizing an external PNP power transistor, low dropout voltage at high current can be readily achieved. The internal electronic switch can be controlled by TTL or CMOS logic levels. The device is in the “on” state when the control pin is pulled to a high logic level. A pin for a bypass capacitor, which connects to the internal circuitry, is provided to lower the overall output noise level.

FEATURES
■ Up to 5 A Output Current Capability With External PNP Transistor
■ Internal Short Circuit Protection
■ Excellent Load Regulation
■ CMOS/TTL-Compatible On/Off Switch
■ Internal Reverse Bias Current Protection Switch
■ Internal Thermal Shutdown
■ Broad Operating Voltage Range
■ High Impedance VSENSE Pin (Off Mode)
■ Continuous and Pulsed Current Modes

APPLICATIONS
■ Battery Powered Systems
■ Cellular/Cordless Telephones
■ Radio Control Systems
■ Wireless Communications Systems
■ Portable Instrumentations
■ Portable Computers
■ Personal Digital Assistants
■ Local Area Network (LAN) Receivers
■ Lithium Ion Battery Chargers
■ Power Recovery for Microprocessors




Similar Part No. - TK73231M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results


Similar Description - TK73231M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com