Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1B4B42 Datasheet (PDF) - Toshiba Semiconductor

1B4B42 Datasheet PDF - Toshiba Semiconductor
Part # 1B4B42
Download  1B4B42 Download

File Size   132.47 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description RECTIFIER STACK (SINGLE PHASE BRIDGE RECTIFIER APPLICATIONS)

1B4B42 Datasheet (PDF)

Go To PDF Page Download Datasheet
1B4B42 Datasheet PDF - Toshiba Semiconductor

Part # 1B4B42
Download  1B4B42 Click to download

File Size   132.47 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description RECTIFIER STACK (SINGLE PHASE BRIDGE RECTIFIER APPLICATIONS)

1B4B42 Datasheet (HTML) - Toshiba Semiconductor

1B4B42 Datasheet HTML 1Page - Toshiba Semiconductor 1B4B42 Datasheet HTML 2Page - Toshiba Semiconductor

1B4B42 Product details

SINGLE PHASE BRIDGE RECTIFIER APPLICATIONS



• Repetitive Peak Reverse Voltage : VRRM = 100 ~ 600V

• Average Output Rectified Current : IO = 1.0A (Ta = 25°C)




Similar Part No. - 1B4B42

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1B4B42 EIC-1B4B42 Datasheet
48Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Similar Description - 1B4B42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1Q4B42 TOSHIBA-1Q4B42 Datasheet
74Kb / 1P
   RECTIFIER STACK (SINGLE PHASE BRIDGE RECTIFIER APLICATIONS)
logo
Solid States Devices, I...
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
   RECTIFIER STACK (BRIDGE)
logo
Solid States Devices, I...
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
   RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
   RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
PM0026A SSDI-PM0026A Datasheet
115Kb / 2P
   RECTIFIER BRIDGE STACK
PM0015C SSDI-PM0015C_15 Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
PM0026A SSDI-PM0026A_15 Datasheet
115Kb / 2P
   RECTIFIER BRIDGE STACK
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com