Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E01-100 Datasheet (PDF) - Maxim Integrated Products

DS28E01-100 Datasheet PDF - Maxim Integrated Products
Part # DS28E01-100
Download  DS28E01-100 Download

File Size   164.93 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS28E01-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E01-100 Datasheet PDF - Maxim Integrated Products

Part # DS28E01-100
Download  DS28E01-100 Click to download

File Size   164.93 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS28E01-100 Datasheet (HTML) - Maxim Integrated Products

Back Button DS28E01-100 Datasheet HTML 1Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 2Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 3Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 4Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 5Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 6Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 7Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 8Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 9Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

DS28E01-100 Product details

General Description

The DS28E01-100 combines 1024 bits of EEPROM with challenge-and-response authentication security implemented with the ISO/IEC 10118-3 Secure Hash Algorithm (SHA-1). The 1024-bit EEPROM array is configured as four pages of 256 bits with a 64-bit scratch pad to perform write operations. All memory pages can be write protected, and one page can be put in EPROM-emulation mode, where bits can only be changed from a 1 to a 0 state. Each DS28E01-100 has

its own guaranteed unique 64-bit ROM registration number that is factory lasered into the chip. The DS28E01-100 communicates over the single-contact 1-Wire®bus. The communication follows the standard 1-Wire protocol with the registration number acting as the node address in the case of a multidevice 1-Wire network.



Features

♦1024 Bits of EEPROM Memory Partitioned Into Four Pages of 256 Bits

♦On-Chip 512-Bit SHA-1 Engine to Compute 160-Bit Message Authentication Codes (MACs) and to Generate Secrets

♦Write Access Requires Knowledge of the Secret and the Capability of Computing and  Transmitting a 160-Bit MAC as Authorization

♦User-Programmable Page Write Protection for Page 0, Page 3, or All Four Pages Together

♦User-Programmable OTP EPROM Emulation Mode for Page 1 (“Write to 0”)

♦Communicates to Host with a Single Digital Signal at 15.3kbps or 90.9kbps Using 1-Wire

Protocol

♦Switchpoint Hysteresis and Filtering to Optimize Performance in the Presence of Noise

♦Reads and Writes Over 2.8V to 5.25V Voltage Range from -40°C to +85°C

♦6-Lead TSOC and TDFN or 2-Lead TO-92 and SFN Packages



Applications

Printer Cartridge Configuration and Monitoring

Medical Sensor Authentication and Calibration

System Intellectual Property Protection




Similar Part No. - DS28E01-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results


Similar Description - DS28E01-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com